PART |
Description |
Maker |
TC7662A02 TC7662AMJA TC7662ACPA TC7662AEPA TC7662A |
Charge Pump DC-to-DC Converter The TC7662A is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 3V to 18V input to a corresponding –3V to –18V output using only two low-cost capacitors, eliminating induct
|
MICROCHIP[Microchip Technology]
|
OPI155 |
High Speed Op tically Cou pled Isolator
|
Optek Technology OPTEK[OPTEK Technologies]
|
AD549SH883B |
18V; 500mW; ultra low input bias current operational amplifier. For electrometer amplifiers, photodiode preamp, pH electrode buffer, vacuum Ion gage measurement
|
Analog Devices
|
1N2981D 1N2987C 1N2973D 1N2987D 1N2989C 1N2980D 1N |
Diode Zener Single 17V 5% 10W 2-Pin DO-4 Diode Zener Single 25V 5% 10W 2-Pin DO-4 Diode Zener Single 9.1V 5% 10W 2-Pin DO-4 Diode Zener Single 30V 5% 10W 2-Pin DO-4 Diode Zener Single 16V 5% 10W 2-Pin DO-4 Diode Zener Single 7.5V 5% 10W 2-Pin DO-4 Diode Zener Single 24V 5% 10W 2-Pin DO-4 Diode Zener Single 175V 20% 10W 2-Pin DO-4 Diode Zener Single 50V 5% 10W 2-Pin DO-4 Diode Zener Single 43V 5% 10W 2-Pin DO-4 Diode Zener Single 56V 5% 10W 2-Pin DO-4 Diode Zener Single 13V 5% 10W 2-Pin DO-4 Diode Zener Single 8.2V 5% 10W 2-Pin DO-4 Diode Zener Single 15V 5% 10W 2-Pin DO-4 Diode Zener Single 27V 5% 10W 2-Pin DO-4 Diode Zener Single 18V 5% 10W 2-Pin DO-4 Diode Zener Single 105V 5% 10W 2-Pin DO-4 Diode Zener Single 52V 5% 10W 2-Pin DO-4 Diode Zener Single 47V 10% 10W 2-Pin DO-4 Diode Zener Single 36V 10% 10W 2-Pin DO-4 Diode Zener Single 36V 5% 10W 2-Pin DO-4 Diode Zener Single 51V 5% 10W 2-Pin DO-4 Diode Zener Single 47V 5% 10W 2-Pin DO-4
|
New Jersey Semiconductor
|
ACT2102 ACT2102SH-T ACT2102-14 |
Wide 4.5V to 18V Operating Input Range
|
Active-Semi, Inc
|
HSMP-4810 HSMP-3810 HSMP-3812 HSMP-3814 HSMP-3813 |
Surface Mount RF PIN Low Distortion Attenuator Diodes DEMO-HSMP38-XX · Demonstration Circuit Board HSMP-4810 · Low inductance PIN attenuator diode HSMP-481B · Low inductance PIN attenuator diode HSMP-381F · Low distortion PIN attenuator diode HSMP-3814 · Low distortion PIN attenuator diode HSMP-381C · Low distortion PIN attenuator diode HSMP-381E · Low distortion PIN attenuator diode HSMP-381B · Low distortion PIN attenuator diode HSMP-3813 · Low distortion PIN attenuator diode HSMP-3812 · Low distortion PIN attenuator diode HSMP-3810 · Low distortion PIN attenuator diode
|
http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
ISL55100B |
Quad 18V Pin Electronics Driver/Window Comparator 四路18V的引脚电子驱动器/窗口比较
|
Intersil, Corp.
|
IT8705F IT8705AF |
(IT8705F/AF) Simple Low Pin Count Input / Output Simple Low Pin Count Input/Output (simple LPC I/O)
|
Integrated Technology Express ETC
|
IR2112 IR2112-1 IR2112PBF IR2112-2 IR2112S IR2112S |
High and Low Side Driver, Shutdown Input in a 14-pin DIP package High and Low Side Driver, Shutdown Input, High Creepage Package in a 14-pin DIP -1 lead package High and Low Side Driver, Shutdown Input, High Creepage Package in a 16-pin DIP -2 leads package High and Low Side Driver, Shutdown Input in a 16-lead SOIC package
|
International Rectifier
|
IT8702F |
Super-Low Pin Count Input/Output (LPC I/O)
|
N.A. ETC
|
PS2811-1-F3 PS2811-1-F4 PS2811-1-V PS2811-1-V-F3 P |
LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
|
Renesas Electronics Corporation
|